Part Number Hot Search : 
PE8402 CS5102A C1403 ZL40803 ALC5624 CA14392 334H4 D8103
Product Description
Full Text Search
 

To Download SMBJ33A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBJ33A Transient Voltage Suppressors
Pppm600W IFSM100A
SMB/DO-214AA
FEATURE
Low profile package Ideal for surface mount pick and place applications Excellent clamping capability Very fast response time Low incremental surge resistance Glass passivated chip junction High temperature soldering guaranteed 260/10sec/at terminals
MECHANICAL DATA
TerminalPlated axial leads solderable per MIL-STD 202E, method 208C CaseMolded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polaritycolor band denotes cathode end Mounting positionany Dimensions in inches and (millimeters) MAXIMUM RATINGS (TA = 25 unless otherwise noted) C
Parameter Peak pulse power dissipation with a 10/1000 s waveform (Fig. 1) Peak pulse current with a 10/1000 s waveform (1) Breakdown Voltage at IT=1mA Maximum Reverse Leakage at VWM=33V Maximum Clamping Voltage at IPPM Peak forward surge current 8.3 ms single half sine-wave unidirectional only(2) Maximum instantaneous forward voltage at 50A for unidirectional only Typical thermal resistance, junction-to-lead Typical thermal resistance, junction-to--ambient Operating junction and Storage temperature range
(1,2)
Symbol PPPM IPPM VBR IR VC IFSM VF Rth(jl) Rth(ja) Tj,Tstg
SMBJ33A 600 11.3 36.7min 40.6max 1.0 53.3 100 3.5 20 100 -55 to +150
units W A V A V A V C/W C/W
Note: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 per Fig. 2 C (2) Mounted on 0.2x0.2(5.0x5.0mm) copper pads to each terminal
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SMBJ33A
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SMBJ33A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X